Part Number Hot Search : 
KK4028B PUMF11 MHF2815D MP158 SA211 00BZX PSPW150 04447
Product Description
Full Text Search
 

To Download 1N5352B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N 5345B ... 1N 5388B (5 W) Silicon-Power-Z-Diodes (non-planar technology) Silizium-Leistungs-Z-Dioden (flachendiffundierte Dioden)
Maximum power dissipation Maximale Verlustleistung Nominal Z-voltage - Nominale Z-Spannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
5W 8.7...200 V ~ DO-201 1g
Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
see page 16 siehe Seite 16
Standard Zener voltage tolerance is 5%. Other voltage tolerances and higher Zener voltages on request. Die Toleranz der Zener-Spannung ist in der Standard-Ausfuhrung 5%. Andere Toleranzen oder hohere Arbeitsspannungen auf Anfrage.
Maximum ratings and Characteristics Power dissipation Verlustleistung Non repetitive peak power dissipation, t < 10 ms Einmalige Impuls-Verlustleistung, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to lead Warmewiderstand Sperrschicht - Anschludraht Zener voltages see table on next page Zener-Spannungen siehe Tabelle auf der nachsten Seite TA = 25/C TA = 25/C
Grenz- und Kennwerte Ptot PZSM Tj TS RthA RthL 5.0 W 1) 80 W - 50...+150/C - 50...+175/C < 25 K/W 1) < 8 K/W
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden 2 ) Tested with pulses - Gemessen mit Impulsen 230 01.10.2002
1N 5345B ... 1N 5388B (5 W) Maximum ratings
Type Typ Z-voltage ) Z-Spanng.2) IZ = IZtest VZ [V] 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200
2
Grenzwerte
Test current Mestrom IZtest [mA] 150 150 125 125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40 30 30 30 25 25 20 20 20 20 20 15 15 15 12 12 10 10 8 8 8 8 5 5 5 Dynamic resistance Inhar. diff. Widerst. IZ = Iztest IZ = 1 mA rzj [S] 2 2 2 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3 3 3.5 3.5 4 5 6 8 10 11 14 20 25 27 35 40 42 44 45 65 75 75 90 125 170 190 230 330 350 380 430 450 480 200 150 125 125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150 160 170 190 210 230 280 350 400 500 620 720 760 760 800 1000 1150 1250 1500 1500 1650 1750 1750 1850 1850 Reverse volt. Sperrspanng. IR = 0.5 :A VR [V] > 6.6 (10:A) > 6.9 (7.5:A) > 7.6 (5:A) > 8.4 (5:A) > 9.1 (2:A) > 9.9 (1:A) > 10.6 (1:A) > 11.5 (1:A) > 12.2 (1:A) > 12.9 > 13.7 > 14.4 > 15.2 > 16.7 > 18.2 > 19.0 > 20.6 > 21.2 > 22.8 > 25.1 > 27.4 > 29.7 > 32.7 > 35.8 > 38.8 > 42.6 > 45.5 > 47.1 > 51.7 > 56.0 > 62.2 > 66.0 > 69.2 > 76.0 > 83.6 > 91.2 > 98.8 > 106 > 114 > 122 > 129 > 137 < 144 > 152 Surge current Stostrom tp = 8.3 ms IZS [A] 9.5 9.2 8.6 8.0 7.5 7.0 6.7 6.3 6.0 5.8 5.5 5.3 5.1 4.7 4.4 4.3 4.1 3.9 3.7 3.5 3.3 3.1 2.8 2.7 2.5 2.3 2.2 2.1 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.2 1.1 1.1 1.0 1.0 0.9 0.9 Z-current 1) Z-Strom 1) TA = 50/C IZmax [mA] 546 522 475 432 396 365 339 317 297 279 264 250 238 216 198 190 176 170 158 144 132 122 110 101 93 85 79 77 70 63 58 55 52 48 43 40 37 34 32 30 28 26 25 24
1N 5345B 1N 5346B 1N 5347B 1N 5348B 1N 5349B 1N 5350B 1N 5351B 1N 5352B 1N 5353B 1N 5354B 1N 5355B 1N 5356B 1N 5357B 1N 5358B 1N 5359B 1N 5360B 1N 5361B 1N 5362B 1N 5363B 1N 5364B 1N 5365B 1N 5366B 1N 5367B 1N 5368B 1N 5369B 1N 5370B 1N 5371B 1N 5372B 1N 5373B 1N 5374B 1N 5375B 1N 5376B 1N 5377B 1N 5378B 1N 5379B 1N 5380B 1N 5381B 1N 5382B 1N 5383B 1N 5384B 1N 5385B 1N 5386B 1N 5387B 1N 5388B
1
) Notes see previous page - Funoten siehe vorhergehende Seite 01.10.2002
231


▲Up To Search▲   

 
Price & Availability of 1N5352B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X